PART |
Description |
Maker |
7001218 700624 700610 700530 |
3M Moisture Barrier Bag Dri-Shield 2000 3M Moisture Barrier Bag Dri-Shield 2000
|
3M Electronics
|
STA331 |
High efficiency class D codec with integrated audio processing
|
STMicroelectronics
|
RT8497 |
Power MOSFET Integrated High Efficiency BCM LED Driver
|
Richtek Technology Corp...
|
MIC22705 MIC22705YML |
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|
FAN2108MPX12 FAN2108EMPX12 |
TinyBuck 3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
FAN2106 FAN2106EMPX FAN210609 FAN2106MPX |
3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
MAX15112 MAX15112EWG |
High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
|
http://
|
SC4624MLTRT SC4624EVB-SO SC4624EVB-MLPQ |
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
|
Semtech Corporation
|
SC4620MLTRT SC4620EVB-MLPQ |
Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
|
http:// Semtech Corporation
|
MP3431 |
21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
|
Monolithic Power System...
|
FAN5333ASX |
High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
|
Fairchild Semiconductor
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|